Part Number Hot Search : 
HCF40103 VN0300B MK105 13007 J100524 T1710RO 74AUP1G BCAE78
Product Description
Full Text Search
 

To Download HMU1356H-0R8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mechanical dimension : features 25 , 100khz, 1v delt a electronics, inc. (taoyuan plant cpbg) 252, san ying road, kueisan industrial zone, taoyuan shien, 333, t aiwan, r.o.c. tel: 886-3-3591968; fax: 886-3-3591991http://www.deltaww.com s m t p o w e r i n d u c t o r hmu1356h t ype o c ? electrical characteristics : 137 unit : mm/inch a = 12.60 0.4 / 0.496 0.016 b = 12.70 0.3 / 0.500 0.012 c = 5.60 / 0.220 max. d = 8.95 / 0.352 e = 2.50 / 0.098 f = 9.50 / 0.374 g = 4.30 / 0.169 h = 1.90 / 0.075 recommended pad pa tterns 1. t olerance of inductance is 20%. 2. isat is the dc current which cause the inductance drop approximately 20% of is nominal inductance without current. o 3. irms is the dc current which cause the surface temperature of the part increase less than 45 c. oo 4. operating temperature : -20 c to 105 c ( including self-temperature rise ). l (uh) 1 i 2 sat (adc) (m ) max dcr rms i (adc) 3 8.4 3.0 3.8 10.0 c d e f g b h h a 13.5 hmu1356h-r35 0.35 1.5 35.0 19.5 HMU1356H-0R8 0.80 2.2 25.7 18.0 hmu1356h-1r4 1.40 3.4 19.2 15.5 hmu1356h-2r2 2.20 5.4 14.8 12.5 hmu1356h-3r2 3.20 8.0 12.8 9.9 hmu1356h-4r3 4.30 11.4 11.0 8.2 hmu1356h-5r6 5.60 13.5 9.5 7.6 rohs compliant. low profile, smd type. high current. magnetic shielded. high energy storage and low dcr. provided with embossed carrier tape packing. ideal for power source circuits, dc-dc converter, dc-ac inverters inductor applications. in addition to the standard versions shown here, customized inductors are available to meet your exact requirements.


▲Up To Search▲   

 
Price & Availability of HMU1356H-0R8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X